PART |
Description |
Maker |
LTC4257 |
IEEE 802.3af PD Power-Over-Ethernet Interface Controller
|
Linear
|
MAX5980AGTJ MAX5980AGTJT |
Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
|
MAXIM - Dallas Semiconductor
|
LTC4258CGW LTC4258 |
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
|
LINER[Linear Technology]
|
LTC4259A 4259AF LTC4259ACGW |
From old datasheet system Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
|
Linear Technology
|
MAX5940CESA MAX5940DESA MAX594006 MAX5940BESA |
IEEE 802.3af PD Interface Controller for Power-Over-Ethernet 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MRF24J40-IMM MICROCHIPTECHNOLOGYINC.-MRF24J40-IMM |
IEEE 802.15.42.4 GHz RF Transceiver IEEE 802.15.4标准.4 GHz射频收发
|
Microchip Technology Inc. Microchip Technology, Inc.
|
LTC4267CGNTR LTC4267IGNTR LTC4267IGNTRPBF LTC4267I |
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 1 A SWITCHING CONTROLLER, 240 kHz SWITCHING FREQ-MAX, PDSO16 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1 A SWITCHING CONTROLLER, 240 kHz SWITCHING FREQ-MAX, PDSO16
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. Linear Integrated Syste...
|
EM2420 EM2420EK EM2420DK EM2420TR |
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver 2.4 GHz IEEE 802.15.4标准/ ZigBee的射频收发器
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. Ember
|
LTC4265IDE-PBF LTC4265CDE-PBF LTC4265CDE-TRPBF LTC |
LTC4265 - IEEE 802.3 at High Power PD Interface Controller with 2-Event Classification Recognition; Package: DFN; Number of Pins: 12; Temperature Range: 0°C to 70°C IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
|
LINEAR TECHNOLOGY CORP
|
BCM5222 BCM5222KQM BCM5222-05 BCM5222KPFA |
Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
|
Broadcom Corporation.
|
ADF7241 |
Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
|
Analog Devices
|
13201 MC13201 MC1320108 |
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
|
Freescale Semiconductor, Inc
|